Part Number Hot Search : 
APL58 RD100 MPS6565 1N4101C 03100 HE3C572 74HC24 CY3610J
Product Description
Full Text Search
 

To Download GBI20M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBI 20A ... GBI 20M Silicon-Bridge Rectifiers Silizium-Bruckengleichrichter
Nominal current - Nennstrom Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging: bulk Standard Lieferform: lose im Karton
Dimensions / Mae in mm
20 A 50...1000 V
32 x 5.6 x 17 [mm] 9g
see page 22 s. Seite 22 see page 28 see page 28
Mounting clamp BO 2 Befestigungsschelle BO 2
Recognized Product - Underwriters Laboratories Inc.(R) File E175067 Anerkanntes Produkt - Underwriters Laboratories Inc.(R) Nr. E175067
Maximum ratings Type Typ GBI 20A GBI 20B GBI 20D GBI 20G GBI 20J GBI 20K GBI 20M max. alternating input voltage max. Eingangswechselspannung VVRMS [V] 35 70 140 280 420 560 700
Grenzwerte Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 1) 50 100 200 400 600 800 1000
Peak forward surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle Peak forward surge current, 60 Hz half sine-wave Stostrom fur eine 60 Hz Sinus-Halbwelle Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
1
TA = 25/C
IFSM
220 A
TA = 25/C
IFSM i2t
240 A
TA = 25/C
240 A2s
Tj TS
- 50...+150/C - 50...+150/C
) Valid for one branch - Gultig fur einen Bruckenzweig 01.07.03
1
GBI 20A ... GBI 20M Characteristics Max. fwd. current without cooling fin Dauergrenzstrom ohne Kuhlblech Max. current with forced cooling Dauergrenzstrom mit forcierter Kuhlung Forward voltage - Durchlaspannung Leakage current - Sperrstrom TA = 50/C R-load C-load R-load C-load IF =10 A VR = VRRM IFAV IFAV IFAV IFAV VF IR RthA Kennwerte 3.5 A 2.8 A 20 A 3) 15 A 3) < 1.1 V 1) < 10 :A 20 K/W 2)
TC = 100/C
Tj = 25/C Tj = 25/C
Typical thermal resistance junction to ambient air Typischer Warmewiderstand Sperrschicht - umgebende Luft Typical thermal resistance junction to case Typischer Warmewiderstand Sperrschicht - Gehause
RthC
2 K/W 3)
1 2
) Valid for one branch - Gultig fur einen Bruckenzweig ) Without cooling fin - Ohne Kuhlblech 3 ) Mounted on heatsink with silicon thermal compound and forced airflow resp water cooling Montage auf Kuhlkorper mit Warmeleitpaste und Geblase- bzw. Wasserkuhlung 2 F:\Data\WP\DatBlatt\Einzelblatter\gbi20a-20m.wpd


▲Up To Search▲   

 
Price & Availability of GBI20M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X